|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LSX101-LSX701 TM (R) SURFACE MOUNT SOT-23 General Purpose Schottky Diodes RoHS Compliant DESCRIPTION Mil spec quality Schottky barrier devices are available in economical SOT23 plastic packages. Priced for high volume commercial applications, these devices provide state-of-the-art electrical performance, ideal for use as detectors, mixers, in up/down converters or in sampling phase detectors. When ordering, specify configuration - see configuration table for internal wiring diagrams. Other configurations are available - some limitations apply. Consult factory for availability. The LSX series of diodes are the RoHS compliant versions of the LSS series. The LSX series supersedes the LSS version. This LSX series of devices meets RoHS requirements per EU Directive 2002/95/EC. KEY FEATURES Standard SOT-23 Package Outline Surface Mount design Wide Selecting of Values and Configurations Available on Tape & Reel for Automated Pick & Place Assembly Excellent Conversion Loss RoHS Compliant 1 www.MICROSEMI.com APPLICATIONS Microsemi offers a variety of Schottky Barrier diodes in the SOT-23 package style. These products are well suited for mixer and detector applications, as well as for sampling, limiter and wave shaping circuits. Available on tape & reel, these products are ideal for high volume applications. APPLICATIONS/BENEFITS Mixers Detectors Limiters Sampling Wave Shaping ABSOLUTE MAXIMUM RATINGS AT 25 C (UNLESS OTHERWISE SPECIFIED) Rating Power Dissipation (De-rated linearly to 0 at TJ (max) Storage Temperature Operating Temperature Forward Current (1us Pulse) Symbol PD TSTG TOP IF Value 250 -55 to +125 -55 to +125 1.0 Unit mW C C A LSX101-LSX701 IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com Specifications subject to change. Consult factory for latest information. These devices are ESD sensitive and must be handled using ESD precautions. 1 These devices are supplied with a matte tin finish suitable for RoHS compliant assembly. Copyright 2007 Rev: 2009-01-19 Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 1 LSX101-LSX701 TM (R) SURFACE MOUNT SOT-23 General Purpose Schottky Diodes RoHS Compliant www.MICROSEMI.com DEVICE ELECTRICAL PARAMETERS @ 25C (unless otherwise specified) PN - Configuration 23-0 23-1 23-2 23-3 23-4 23-5 23-0 23-2 23-0 23-1 23-2 23-3 23-4 23-0 @IR=10A (V) (Min) VB @IR=100uA (V) (Min) VB IR@VR (nA) (Max) @VR(V) @IF = 1mA VF(mV) CT(pF)1 @0V (Max) RD() @IF=5mA (Typ) LSX101 8.0 100 @1.0V 250 - 350 1.0 10 LSX201 3.0 400 @1.0V 250 - 350 0.30 14 LSX301 20 200 @15.0V 300 - 430 1.4 15 LSX701 70 200 @50.0V 300 - 430 2.0 32 Note 1: Capacitance is measured at = 1 MHz. PACKAGE STYLE 23 CONFIGURATIONS 23-0 23-1 23-2 23-3 23-4 23-5 LSX101-LSX701 Copyright 2007 Rev: 2009-01-19 Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 2 LSX101-LSX701 TM (R) SURFACE MOUNT SOT-23 General Purpose Schottky Diodes RoHS Compliant PART NUMBER LSX701 INDUSTRY CROSS REFERNECE CONFIGURATION INDUSTRY EQUIVALENTS 23-0 23-0 23-1 HSMS2800 HSMS2810 HSMS2811 HSMS2812 HSMS2813 HSMS2814 HSMS2820 HSMS2821 HSMS2822 HSMS2823 HSMS2824 SMS1527-10 SMS1528-10 SMS1529-10 MA4CS102B MA4CS102D MA4CS102C SMS1527-30 SMS1528-30 SMS1529-30 SMS1526-10 MA4CS103B MA4CS103D MA4CS103C MA4CS102A SMS1526-50 SMS1526-30 MA4CS101A MA4CS103A www.MICROSEMI.com LSX301 23-2 23-3 23-4 23-0 23-1 23-2 LSX101 23-3 23-4 23-5 LSX201 23-0 23-2 SMS3989 SMS3988 MA4E1245KA MA4E1245KB NOTES NOTES NOTES Copyright 2007 Rev: 2009-01-19 Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 3 |
Price & Availability of LSX701 |